| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5532-AS bảng dữ liệu(PDF) 47 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5532-AS bảng dữ liệu(HTML) 47 Page - Cirrus Logic |
|
47 / 50 page ![]() CS5531/32/33/34-AS DS289F5 47 5. ORDERING INFORMATION 6. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Number Bits Channels Linearity Error (Max) Temperature Range Package CS5531-AS 16 2 ±0.003% -40 °C to +85°C 20-pin 0.2" Plastic SSOP CS5531-ASZ 16 2 ±0.003% -40 °C to +85°C 20-pin 0.2" Plastic SSOP, Lead Free CS5533-AS 16 4 ±0.003% -40 °C to +85°C 24-pin 0.2" Plastic SSOP CS5533-ASZ 16 4 ±0.003% -40 °C to +85°C 24-pin 0.2" Plastic SSOP, Lead Free CS5532-AS 24 2 ±0.003% -40 °C to +85°C 20-pin 0.2" Plastic SSOP CS5532-ASZ 24 2 ±0.003% -40 °C to +85°C 20-pin 0.2" Plastic SSOP, Lead Free CS5534-AS 24 4 ±0.003% -40 °C to +85°C 24-pin 0.2" Plastic SSOP CS5534-ASZ 24 4 ±0.003% -40 °C to +85°C 24-pin 0.2" Plastic SSOP, Lead Free Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5531-AS 240 °C 2 365 Days CS5531-ASZ 260 °C 3 7 Days CS5533-AS 240 °C 2 365 Days CS5533-ASZ 260 °C 3 7 Days CS5532-AS 240 °C 2 365 Days CS5532-ASZ 260 °C 3 7 Days CS5534-AS 240 °C 2 365 Days CS5534-ASZ 260 °C 3 7 Days |