| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UA776 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UA776 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() . MICROPOWER OPERATION . NO FREQUENCY COMPENSATION REQUIRED . WIDE PROGRAMMING RANGE . HIGH SLEW RATE . SHORT-CIRCUIT PROTECTION . PROGRAMMABLE SINGLE OP-AMP DESCRIPTION The UA776 programmable operational amplifier is characterized by low supply current and low equivalent input noise voltage over a wide range of operating supply voltages. Coupled with programmable electrical charac- teristics, it is a versatile amplifier for use in high accuracy, low power consumption analog applica- tions. Input noise voltage and current, power consump- tion and input current can be optimized by a single resistor or current source that sets the chip quies- cent current for nano-watt power consumption or for characteristics similar to the UA741. Internal frequency compensation, absence of latch up, high slew rate and short-circuit protection as- sure ease of use in long time integrators, active filters, and sample and hold circuits. 1 2 3 4 8 6 5 7 PIN CONNECTIONS (top view) ORDER CODES Part Number Temperature Range Package ND UA776C 0 oC, +70oC •• UA776I -40 oC, +105oC •• UA776M -55 oC, +125oC •• Example : UA776CN N DIP8 (Plastic Package) D SO8 (Plastic Micropackage) PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIERS UA776 December 1997 1 - Offset null 1 2 - Inverting input 3 - Non-inverting input 4- VCC - 5 - Offset null 2 6 - Output 7- VCC + 8- Iset 1/8 |
Số phần tương tự - UA776 |
|
Mô tả tương tự - UA776 |