công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4245 bảng dữ liệu(PDF) 39 Page - Cirrus Logic

tên linh kiện CDB4245
Giải thích chi tiết về linh kiện  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 bảng dữ liệu(HTML) 39 Page - Cirrus Logic

Back Button CDB4245 Datasheet HTML 35Page - Cirrus Logic CDB4245 Datasheet HTML 36Page - Cirrus Logic CDB4245 Datasheet HTML 37Page - Cirrus Logic CDB4245 Datasheet HTML 38Page - Cirrus Logic CDB4245 Datasheet HTML 39Page - Cirrus Logic CDB4245 Datasheet HTML 40Page - Cirrus Logic CDB4245 Datasheet HTML 41Page - Cirrus Logic CDB4245 Datasheet HTML 42Page - Cirrus Logic CDB4245 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
DS656F2
39
CS4245
4.14 Reset
When RESET is low, the CS4245 enters a low-power mode and all internal states are reset, including the
control port and registers, the outputs are muted. When RESET is high, the control port becomes operation-
al, and the desired settings should be loaded into the control registers. Writing a 0 to the PDN bit in the Pow-
er Control register will then cause the part to leave the low-power state and begin operation.
The delta-sigma modulators settle in a matter of microseconds after the analog section is powered, either
through the application of power or by setting the RESET pin high. However, the voltage reference will take
much longer to reach a final value due to the presence of external capacitance on the FILT1+ and FILT2+
pins. During this voltage reference ramp delay, both SDOUT and DAC outputs will be automatically muted.
It is recommended that RESET be activated if the analog or digital supplies drop below the recommended
operating condition to prevent power-glitch-related issues.
4.15 Synchronization of Multiple Devices
In systems where multiple ADCs are required, care must be taken to achieve simultaneous sampling. To
ensure synchronous sampling, the master clocks and left/right clocks must be the same for all of the
CS4245s in the system. If only one master clock source is needed, one solution is to place one CS4245 in
Master Mode, and slave all of the other CS4245s to the one master. If multiple master clock sources are
needed, a possible solution would be to supply all clocks from the same external source and time the
CS4245 reset with the inactive edge of master clock. This will ensure that all converters begin sampling on
the same clock edge.
4.16 Grounding and Power Supply Decoupling
As with any high-resolution converter, the CS4245 requires careful attention to power supply and grounding
arrangements if its potential performance is to be realized. Figure 12 shows the recommended power ar-
rangements, with VA connected to a clean supply. VD, which powers the digital filter, may be run from the
system logic supply (VLS or VLC) or may be powered from the analog supply (VA) via a resistor. In this
case, no additional devices should be powered from VD. Power supply decoupling capacitors should be as
near to the CS4245 as possible, with the low value ceramic capacitor being the nearest. All signals, espe-
cially clocks, should be kept away from the FILT1+, FILT2+, VQ1 and VQ2 pins in order to avoid unwanted
coupling into the modulators. The FILT1+, FILT2+, VQ1 and VQ2 decoupling capacitors, particularly the
0.1 µF, must be positioned to minimize the electrical path from FILT1+ and FILT2+ and AGND. The CS4245
evaluation board demonstrates the optimum layout and power supply arrangements. To minimize digital
noise, connect the CS4245 digital outputs only to CMOS inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com