công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS4350 bảng dữ liệu(PDF) 2 Page - Cirrus Logic

tên linh kiện CS4350
Giải thích chi tiết về linh kiện  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 bảng dữ liệu(HTML) 2 Page - Cirrus Logic

  CS4350_07 Datasheet HTML 1Page - Cirrus Logic CS4350_07 Datasheet HTML 2Page - Cirrus Logic CS4350_07 Datasheet HTML 3Page - Cirrus Logic CS4350_07 Datasheet HTML 4Page - Cirrus Logic CS4350_07 Datasheet HTML 5Page - Cirrus Logic CS4350_07 Datasheet HTML 6Page - Cirrus Logic CS4350_07 Datasheet HTML 7Page - Cirrus Logic CS4350_07 Datasheet HTML 8Page - Cirrus Logic CS4350_07 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
DS691F1
CS4350
Description
The CS4350 is a complete stereo digital-to-analog system including PLL-based master clock derivation, digital in-
terpolation, 5th-order multi-bit delta-sigma digital-to-analog conversion, digital de-emphasis, volume control,
channel mixing, and analog filtering. The advantages of this architecture include ideal differential linearity, no dis-
tortion mechanisms due to resistor matching errors, no linearity drift over time and temperature, high tolerance to
clock jitter, and a minimal set of external components.
The CS4350 supports all standard digital audio interface formats, including TDM.
The CS4350 is available in a 24-pin TSSOP package in both Commercial (-40° to +85°C) and Automotive grades
(-40° to +105°C). The CDB4350 Customer Demonstration board is also available for device evaluation and imple-
mentation suggestions. Please refer to “Ordering Information” on page 40 for complete ordering information.
These features are ideal for cost-sensitive, two-channel audio systems, including DVD players and recorders, set-
top boxes, digital TVs, mini-component systems, mixing consoles and automotive audio systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com