| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS2000-OTP bảng dữ liệu(PDF) 12 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS2000-OTP bảng dữ liệu(HTML) 12 Page - Cirrus Logic |
|
12 / 30 page ![]() CS2000-OTP 12 DS758PP1 main unlocked for the specified time listed in the “AC Electrical Characteristics” on page 7 after which lock will be acquired and the PLL output will resume. f CLK_IN is removed and then reapplied within 223 SysClk cycles but later than tCS, the ClkSkipEn pa- rameter will have no effect and the PLL output will continue until CLK_IN is re-applied (see Figure 8). Once CLK_IN is re-applied, the PLL will go unlocked only for the time it takes to acquire lock; the PLL_OUT state will be determined by the ClkOutUnl parameter during this time. If CLK_IN is removed and then re-applied within tCS, the ClkSkipEn parameter determines whether PLL_OUT continues while the PLL re-acquires lock (see Figure 9). When ClkSkipEn is disabled and CLK_IN is removed the PLL output will continue until CLK_IN is re-applied at which point the PLL will go unlocked only for the time it takes to acquire lock; the PLL_OUT state will be determined by the ClkOutUnl parameter during this time. When ClkSkipEn is enabled and CLK_IN is removed the PLL output clock will Figure 7. CLK_IN removed for > 223 SysClk cycles CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 or 1 ClkOutUnl=0 Lock Time CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 or 1 ClkOutUnl=1 Lock Time = invalid clocks 223 SysClk cycles 223 SysClk cycles Figure 8. CLK_IN removed for < 223 SysClk cycles but > tCS CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 or 1 ClkOutUnl=0 Lock Time CLK_IN PLL_OUT UNLOCK ClkSkipEn=0 or 1 ClkOutUnl=1 Lock Time tCS tCS = invalid clocks 223 SysClk cycles 223 SysClk cycles |