| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8576DU/DA/2 bảng dữ liệu(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DU/DA/2 bảng dữ liệu(HTML) 41 Page - NXP Semiconductors |
|
41 / 52 page ![]() PCF8576D_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 7 — 18 December 2008 41 of 52 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 15. Handling information Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be completely safe you must take normal precautions appropriate to handling MOS devices; see JESD625-A and/or IEC61340-5. S22 40 −1005.5 291.33 LCD segment outputs S23 41 −1005.5 207.9 S24 42 −1005.5 124.47 S25 43 −1005.5 41.04 S26 44 −1005.5 −42.39 S27 45 −1005.5 −125.8 S28 46 −1005.5 −209.3 S29 47 −1005.5 −292.7 S30 48 −1005.5 −376.1 S31 49 −1005.5 −459.5 S32 50 −1005.5 −543 S33 51 −1005.5 −625.6 S34 52 −735.03 −876.6 S35 53 −663.03 −876.6 S36 54 −591.03 −876.6 S37 55 −519.03 −876.6 S38 56 −447.03 −876.6 S39 57 −375.03 −876.6 SDA 58 −196.38 −876.6 I2C-bus serial data input/output SDA 59 −106.38 −876.6 Table 20. Alignment marks All x/y coordinates represent the position of the center of each alignment mark with respect to the center (x/y = 0) of the chip (see Figure 4, Figure 26 and Figure 27). Symbol X ( µm) Y ( µm) C1 930.42 −870.3 C2 −829.98 −870.3 Table 19. Bonding pad location for PCF8576DUx …continued All x/y coordinates represent the position of the center of each pad with respect to the center (x/y = 0) of the chip (see Figure 4, Figure 26 and Figure 27). Symbol Pad X ( µm) Y ( µm) Description |