| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8534AU/DA/1 bảng dữ liệu(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AU/DA/1 bảng dữ liệu(HTML) 37 Page - NXP Semiconductors |
|
37 / 44 page ![]() PCF8534A_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 10 November 2008 37 of 44 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates [1] All coordinates are referenced in µm to the center of the die (see Figure 24). 16. Handling information Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be completely safe you must take normal precautions appropriate to handling MOS devices; see JESD625-A and/or IEC61340-5. Fig 25. Alignment marks Table 21. Alignment mark locations [1] Symbol X ( µm) Y ( µm) C1 −1387 1190 C2 1335 1242 F −1345 −1173 001aai649 REF REF REF C2 C1 F |