| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9634D bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9634D bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 38 page ![]() PCA9634_6 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 06 — 12 September 2008 21 of 38 NXP Semiconductors PCA9634 8-bit Fm+ I2C-bus LED driver 8.3 Acknowledge The number of data bytes transferred between the START and the STOP conditions from transmitter to receiver is not limited. Each byte of eight bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter, whereas the master generates an extra acknowledge related clock pulse. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse; set-up time and hold time must be taken into account. A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master to generate a STOP condition. Fig 11. System configuration 002aaa966 MASTER TRANSMITTER/ RECEIVER SLAVE RECEIVER SLAVE TRANSMITTER/ RECEIVER MASTER TRANSMITTER MASTER TRANSMITTER/ RECEIVER SDA SCL I2C-BUS MULTIPLEXER SLAVE Fig 12. Acknowledgement on the I2C-bus 002aaa987 S START condition 9 8 2 1 clock pulse for acknowledgement not acknowledge acknowledge data output by transmitter data output by receiver SCL from master |