công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT91SAM7A3 bảng dữ liệu(PDF) 13 Page - ATMEL Corporation

tên linh kiện AT91SAM7A3
Giải thích chi tiết về linh kiện  Incorporates the ARM7TDMI ARM Thumb Processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A3 bảng dữ liệu(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM7A3 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
6042DS–ATARM–14-Dec-06
AT91SAM7A3
7.
Processor and Architecture
7.1
ARM7TDMI Processor
• RISC Processor Based on ARMv4T Von Neumann Architecture
– Runs at up to 60 MHz, providing 0.9 MIPS/MHz
• Two instruction sets
– ARM high-performance 32-bit Instruction Set
– Thumb high code density 16-bit Instruction Set
• Three-stage pipeline architecture
– Instruction Fetch (F)
– Instruction Decode (D)
– Execute (E)
7.2
Debug and Test Features
• Integrated EmbeddedICE
™ (embedded in-circuit emulator)
– Two watchpoint units
– Test access port accessible through a JTAG protocol
– Debug communication channel
• Debug Unit
–Two-pin UART
– Debug communication channel interrupt handling
– Chip ID Register
• IEEE1149.1 JTAG Boundary-scan on all digital pins
7.3
Memory Controller
• Bus Arbiter
– Handles requests from the ARM7TDMI and the Peripheral Data Controller
• Address Decoder Provides Selection Signals for
– Three internal 1Mbyte memory areas
– One 256 Mbyte embedded peripheral area
• Abort Status Registers
– Source, Type and all parameters of the access leading to an abort are saved
– Facilitates debug by detection of bad pointers
• Misalignment Detector
– Alignment checking of all data accesses
– Abort generation in case of misalignment
• Remap Command
– Remaps the Internal SRAM in place of the embedded non-volatile memory
– Allows handling of dynamic exception vectors
• 16-area Memory Protection Unit
– Individually programmable size between 1K Bytes and 1M Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39