| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA2001U/10AB bảng dữ liệu(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2001U/10AB bảng dữ liệu(HTML) 25 Page - NXP Semiconductors |
|
25 / 28 page ![]() PCA2000_2001_5 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 05 — 11 November 2008 25 of 28 NXP Semiconductors PCA2000; PCA2001 32 kHz watch circuit with programmable adaptive motor pulse For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. MSL: Moisture Sensitivity Level Fig 18. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature |