| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2387 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2387 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 52 page ![]() LPC2387_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 29 October 2008 9 of 52 NXP Semiconductors LPC2387 Single-chip 16-bit/32-bit microcontroller P1[19]/ USB_TX_E1/ USB_PPWR1/ CAP1[1] 33[1] I/O P1[19] — General purpose digital input/output pin. O USB_TX_E1 — Transmit Enable signal for USB port 1 (OTG transceiver). O USB_PPWR1 — Port Power enable signal for USB port 1. I CAP1[1] — Capture input for Timer 1, channel 1. P1[20]/ USB_TX_DP1/ PWM1[2]/SCK0 34[1] I/O P1[20] — General purpose digital input/output pin. O USB_TX_DP1 — D+ transmit data for USB port 1 (OTG transceiver). O PWM1[2] — Pulse Width Modulator 1, channel 2 output. I/O SCK0 — Serial clock for SSP0. P1[21]/ USB_TX_DM1/ PWM1[3]/SSEL0 35[1] I/O P1[21] — General purpose digital input/output pin. O USB_TX_DM1 — D − transmit data for USB port 1 (OTG transceiver). O PWM1[3] — Pulse Width Modulator 1, channel 3 output. I/O SSEL0 — Slave Select for SSP0. P1[22]/ USB_RCV1/ USB_PWRD1/ MAT1[0] 36[1] I/O P1[22] — General purpose digital input/output pin. I USB_RCV1 — Differential receive data for USB port 1 (OTG transceiver). I USB_PWRD1 — Power Status for USB port 1 (host power switch). O MAT1[0] — Match output for Timer 1, channel 0. P1[23]/ USB_RX_DP1/ PWM1[4]/MISO0 37[1] I/O P1[23] — General purpose digital input/output pin. I USB_RX_DP1 — D+ receive data for USB port 1 (OTG transceiver). O PWM1[4] — Pulse Width Modulator 1, channel 4 output. I/O MISO0 — Master In Slave Out for SSP0. P1[24]/ USB_RX_DM1/ PWM1[5]/MOSI0 38[1] I/O P1[24] — General purpose digital input/output pin. I USB_RX_DM1 — D − receive data for USB port 1 (OTG transceiver). O PWM1[5] — Pulse Width Modulator 1, channel 5 output. I/O MOSI0 — Master Out Slave in for SSP0. P1[25]/ USB_LS1/ USB_HSTEN1/ MAT1[1] 39[1] I/O P1[25] — General purpose digital input/output pin. O USB_LS1 — Low-speed status for USB port 1 (OTG transceiver). O USB_HSTEN1 — Host Enabled status for USB port 1. O MAT1[1] — Match output for Timer 1, channel 1. P1[26]/ USB_SSPND1/ PWM1[6]/ CAP0[0] 40[1] I/O P1[26] — General purpose digital input/output pin. O USB_SSPND1 — USB port 1 bus suspend status (OTG transceiver). O PWM1[6] — Pulse Width Modulator 1, channel 6 output. I CAP0[0] — Capture input for Timer 0, channel 0. P1[27]/ USB_INT1/ USB_OVRCR1/ CAP0[1] 43[1] I/O P1[27] — General purpose digital input/output pin. I USB_INT1 — USB port 1 OTG transceiver interrupt (OTG transceiver). I USB_OVRCR1 — USB port 1 Over-Current status. I CAP0[1] — Capture input for Timer 0, channel 1. P1[28]/USB_SCL1/ PCAP1[0]/MAT0[0] 44[1] I/O P1[28] — General purpose digital input/output pin. I/O USB_SCL1 — USB port 1 I2C-bus serial clock (OTG transceiver). I PCAP1[0] — Capture input for PWM1, channel 0. O MAT0[0] — Match output for Timer 0, channel 0. Table 3. Pin description …continued Symbol Pin Type Description |