công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC2292FBD144/01 bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện LPC2292FBD144/01
Giải thích chi tiết về linh kiện  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2292FBD144/01 bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button LPC2292FBD144/01 Datasheet HTML 17Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 18Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 19Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 20Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 21Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 22Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 23Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 24Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
LPC2292_2294_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 7 — 4 December 2008
21 of 53
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C-bus is a multi-master bus, it can be
controlled by more than one bus master connected to it.
The I2C-bus implemented in LPC2292/LPC2294 supports bit rate up to 400 kbit/s (Fast
I2C-bus).
6.12.1 Features
• Compliant with standard I2C-bus interface.
• Easy to configure as master, slave, or master/slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
• The I2C-bus may be used for test and diagnostic purposes.
6.13 SPI serial I/O controller
The LPC2292/LPC2294 each contain two SPIs. The SPI is a full duplex serial interface,
designed to be able to handle multiple masters and slaves connected to a given bus. Only
a single master and a single slave can communicate on the interface during a given data
transfer. During a data transfer the master always sends a byte of data to the slave, and
the slave always sends a byte of data to the master.
6.13.1 Features
• Compliant with Serial Peripheral Interface (SPI) specification.
• Synchronous, Serial, Full Duplex communication.
• Combined SPI master and slave.
• Maximum data bit rate of 1
⁄
8 of the input clock rate.
6.13.2 Features available in LPC2292/LPC2294/01 only
• Eight to 16 bits per frame.
• When the SPI interface is used in Master mode, the SSELn pin is not needed (can be
used for a different function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53