công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC2102 bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện LPC2102
Giải thích chi tiết về linh kiện  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button LPC2102 Datasheet HTML 10Page - NXP Semiconductors LPC2102 Datasheet HTML 11Page - NXP Semiconductors LPC2102 Datasheet HTML 12Page - NXP Semiconductors LPC2102 Datasheet HTML 13Page - NXP Semiconductors LPC2102 Datasheet HTML 14Page - NXP Semiconductors LPC2102 Datasheet HTML 15Page - NXP Semiconductors LPC2102 Datasheet HTML 16Page - NXP Semiconductors LPC2102 Datasheet HTML 17Page - NXP Semiconductors LPC2102 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LPC2101_02_03_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 October 2008
14 of 32
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.
• Transmission FIFO control enables implementation of software (XON/XOFF) flow
control on both UARTs.
• UART1 is equipped with standard modem interface signals. This module also
provides full support for hardware flow control (auto-CTS/RTS).
6.10 I2C-bus serial I/O controllers
The LPC2101/02/03 each contain two I2C-bus controllers.
The I2C-bus is bidirectional, for inter-IC control using only two wires: a Serial Clock Line
(SCL), and a Serial Data Line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., LCD driver) or a transmitter with the
capability to both receive and send information such as serial memory. Transmitters
and/or receivers can operate in either master or slave mode, depending on whether the
chip has to initiate a data transfer or is only addressed. The I2C-bus is a multi-master bus,
it can be controlled by more than one bus master connected to it.
The I2C-bus implemented in LPC2101/02/03 supports bit rates up to 400 kbit/s (Fast
I2C-bus).
6.10.1 Features
• Compliant with standard I2C-bus interface.
• Easy to configure as Master, Slave, or Master/Slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
• The I2C-bus can also be used for test and diagnostic purposes.
6.11 SPI serial I/O controller
The LPC2101/02/03 each contain one SPI controller. The SPI is a full duplex serial
interface, designed to handle multiple masters and slaves connected to a given bus. Only
a single master and a single slave can communicate on the interface during a given data
transfer. During a data transfer the master always sends 8 bits to 16 bits of data to the
slave, and the slave always sends 8 bits to 16 bits of data to the master.
6.11.1 Features
• Compliant with SPI specification.
• Synchronous, Serial, Full Duplex, Communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32