| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPR03XEP bảng dữ liệu(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR03XEP bảng dữ liệu(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 32 page ![]() MPR03X Sensors 28 Freescale Semiconductor Preliminary Appendix C Ordering Information C.1 Ordering Information This section contains ordering information for MPR03X devices. C.2 Device Numbering Scheme All Proximity Sensor Products have a similar numbering scheme. The below diagram explains what each part number in the family represents. ORDERING INFORMATION Device Name Temperature Range Case Number Touch Pads I2C Address Shipping MPR031EP -40 °C to +85°C 1944 (8-Pin UDFN) 3-pads 0x4A Bulk MPR031EPR2 -40 °C to +85°C 1944 (8-Pin UDFN) 3-pads 0x4A Tape and Reel MPR032EP -40 °C to +85°C 1944 (8-Pin UDFN) 3-pads 0x4B Bulk MPR032EPR2 -40 °C to +85°C 1944 (8-Pin UDFN) 3-pads 0x4B Tape and Reel M Status (M = Fully Qualified, P = Preproduction) PR Proximity Sensor Product EE X P Number of Electrodes (03 = 3 electrode device) Package Designator Version (Q = QFN, EJ = TSSOP, EP = µDFN) |