| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSA1201 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSA1201 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 20 page ![]() 12/20 TSA1201 APPLICATION NOTE DETAILED INFORMATION The TSA1201 is a High Speed analog to digital converter based on a pipeline architecture and the latest deep submicron CMOS process to achieve the best performances in terms of linearity and power consumption. The pipeline structure consists of 11 internal conversion stages in which the analog signal is fed and sequencially converted into digital data. Each 10 first stages consists of an Analog to Digital converter, a Digital to Analog converter, a Sample and Hold and a gain of 2 amplifier. A 1.5-bit conversion resolution is achieved in each stage. The latest stage simply is a comparator. Each resulting LSB-MSB couple is then time shifted to recover from the delay caused by conversion. Digital data correction completes the processing by recovering from the redundancy of the (LSB-MSB) couple for each stage. The corrected data are outputed through the digital buffers. Signal input is sampled on the rising edge of the clock while digital outputs are delivered on the falling edge of the clock. The advantages of such a converter reside in the combination of pipeline architecture and the most advanced technologies. The highest dynamic performances are achieved while consumption remains at the lowest level. Some functionalites have been added in order to simplify as much as possible the application board. These operational modes are described in the following table. The TSA1201 is pin to pin compatible with the 8bits/40Msps TSA0801, the 10bits/25Msps TSA1001 and the 10bits/50Msps TSA1002. This ensures a conformity with the product family and above all, an easy upgrade of the application OPERATIONAL MODES DESCRIPTION Data Format Select (DFSB) When set to low level (VIL), the digital input DFSB provides a two’s complement digital output MSB. This can be of interest when performing some further signal processing. When set to high level (VIH), DFSB provides a standard binary output coding. Output Enable (OEB) When set to low level (VIL), all digital outputs remain active and are in low impedance state. When set to high level (VIH), all digital outputs buffers are in high impedance state while the converter goes on sampling. When OEB is set to a low level again, the data are then present on the output with a very short Ton delay. Therefore, this allows the chip select of the device. The timing diagram summarizes this functionality. Inputs Outputs Analog input differential level DFSB OEB SRC OR DR Most Significant Bit (MSB) (VIN-VINB) > RANGE H L X H CLK D11 -RANGE > (VIN-VINB) H L X H CLK D11 RANGE> (VIN-VINB) >-RANGE H L X L CLK D11 (VIN-VINB) > RANGE L L X H CLK D11 Complemented -RANGE > (VIN-VINB) L L X H CLK D11 Complemented RANGE> (VIN-VINB) >-RANGE L L X L CLK D11 Complemented X X H X HZ HZ HZ X X X H X CLK 25Msps compliant slew rate X X X L X CLK 50Msps compliant slew rate |