| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5633MMLL60 bảng dữ liệu(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMLL60 bảng dữ liệu(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 106 page ![]() DSPI_B_PCS[5] DSPI_C_PCS[0] GPIO[110] DSPI_B Periph Chip Select DSPI_C Periph Chip Select GPIO PCR[110] 01 10 00 O O I/O VDDEH6b Medium – / Up – / Up 87 104 J13 eQADC AN[0] DAN0+ Single Ended Analog Input Positive Terminal Diff. Input —— I I VDDA I / – AN[0] / – 143 172 B5 AN[1] DAN0- Single Ended Analog Input Negative Terminal Diff. Input —— I I VDDA I / – AN[1] / – 142 171 A6 AN[2] DAN1+ Single Ended Analog Input Positive Terminal Diff. Input —— I I VDDA I / – AN[2] / – 141 170 D6 AN[3] DAN1- Single Ended Analog Input Negative Terminal Diff. Input —— I I VDDA I / – AN[3] / – 140 169 C7 AN[4] DAN2+ Single Ended Analog Input Positive Terminal Diff. Input —— I I VDDA I / – AN[4] / – 139 168 B6 AN[5] DAN2- Single Ended Analog Input Negative Terminal Diff. Input —— I I VDDA I / – AN[5] / – 138 167 A7 AN[6] DAN3+ Single Ended Analog Input Positive Terminal Diff. Input —— I I VDDA I / – AN[6] / – 137 166 D7 AN[7] DAN3- Single Ended Analog Input Negative Terminal Diff. Input —— I I VDDA I / – AN[7] / – 136 165 C8 AN[8] See AN[38]-AN[8]-ANW AN[9] ANX Single Ended Analog Input External Multiplexed Analog Input —— I I VDDA I / – AN[9] / – 5 5 A2 AN[10] See AN[39]-AN[10]-ANY AN[11] ANZ Single Ended Analog Input External Multiplexed Analog Input —— I I VDDA I / – AN[11] / – 4 4 A3 AN[12] MA[0] ETPU_A[19] SDS Single Ended Analog Input Mux Address ETPU_A Ch. eQADC Serial Data Strobe PCR[215] 011 010 100 000 I O O O VDDEH7 I / – AN[12] / – 119 148 A12 Table 3. MPC563xM signal properties (continued) Name Function1 Pad Config. Register (PCR)2 PCR PA Field3 I/O Type Voltage4 / Pad Type Reset State5 Function / State After Reset6 Pin No. 144 LQFP 176 LQFP 208 MAPB GA |