công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5633MMLU80 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5633MMLU80
Giải thích chi tiết về linh kiện  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMLU80 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMLU80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
10
2
Overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5634M series of
microcontroller units (MCUs). For functional characteristics, refer to the MPC5634M Microcontroller Reference Manual.
The MPC5634M series microcontrollers are system-on-chip devices that are built on Power Architecture® technology and:
•
Are 100% user-mode compatible with the Power Architecture instruction set
•
Contain enhancements that improve the architecture’s fit in embedded applications
•
Include additional instruction support for digital signal processing (DSP)
•
Integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital converter,
Controller Area Network, and an enhanced modular input-output system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More