| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5606BECLQ bảng dữ liệu(PDF) 71 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5606BECLQ bảng dữ liệu(HTML) 71 Page - Freescale Semiconductor, Inc |
|
71 / 98 page ![]() Electrical Characteristics MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 71 Table 32. ADC Electrical Characteristics Symbol Parameter Conditions1 Value2 Unit Min Typ Max VSSA SR Voltage on VSSA (ADC reference) pin with respect to ground (VSS) 3 -0.1 0.1 V VDDA SR Voltage on VDDA pin (ADC reference) with respect to ground (VSS) VDD-0.1 VDD+0.1 V VAINx SR Analog input voltage4 VSSA-0.1 VDDA+0.1 V fADC SR ADC analog frequency 6 32 MHz tADC_PU SR ADC power up delay 1.5 µs tADC_S CC 5 Sample time6 fADC = 32 MHz, ADC_conf_sample_input = 17 0.5 µs fADC = 6 MHz, ADC_conf_sample_input = 127 21 tADC_C CC 5 Conversion time7 fADC = 32 MHz, ADC_conf_comp = 2 0.625 µs CS CC5 ADC input sampling capacitance 3 pF CP1 CC5 ADC input pin capacitance 1 3 pF CP2 CC5 ADC input pin capacitance 2 1 pF CP3 CC5 ADC input pin capacitance 3 1 pF RSW1 CC5 Internal resistance of analog source 3 k Ω RSW2 CC5 Internal resistance of analog source 2 k Ω RAD CC5 Internal resistance of analog source 0.1 k Ω IINJ SR Input current Injection Current injection on one ADC input, different from the converted one -10 10 mA INL CC5 Integral Non Linearity No overload -1.5 1.5 LSB DNL CC5 Differential Non Linearity No overload -1.0 1.0 LSB OFS CC5 Offset error After offset cancellation -1.0 1.0 LSB GNE CC5 Gain error -1.0 1.0 LSB |