| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5200CVR466B bảng dữ liệu(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200CVR466B bảng dữ liệu(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 72 page ![]() MPC5200B Data Sheet, Rev. 3 Freescale Semiconductor 49 1.3.16.2 AC97 Mode NOTE Output timing is specified at a nominal 50 pF load. Figure 39. Timing Diagram — AC97 Mode 1.3.16.3 IrDA Mode NOTE Output timing is specified at a nominal 50 pF load. Table 44. Timing Specifications — AC97 Mode Sym Description Min Typ Max Units SpecID 1 Bit Clock cycle time — 81.4 — ns A15.15 2 Clock pulse high time — 40.7 — ns A15.16 3 Clock pulse low time — 40.7 — ns A15.17 4 FrameSync valid after rising clock edge — — 13.0 ns A15.18 5 Output Data valid after rising clock edge — — 14.0 ns A15.19 6 Input Data setup time 1.0 — — ns A15.20 7 Input Data hold time 1.0 — — ns A15.21 Table 45. Timing Specifications — IrDA Transmit Line Sym Description Min Max Units SpecID 1 Pulse high time, defined in the IrDA protocol definition 0.125 10000 μs A15.22 2 Pulse low time, defined in the IrDA protocol definition 0.125 10000 μs A15.23 3 Transmitter rising time — 7.9 ns A15.24 4 Transmitter falling time — 7.9 ns A15.25 BitClk (CLKPOL=0) FrameSync (SyncPol = 1) Sdata_out Output Input 6 Output Sdata_in Input 1 4 3 5 2 7 |