công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5200BDS bảng dữ liệu(PDF) 23 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5200BDS
Giải thích chi tiết về linh kiện  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS bảng dữ liệu(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
23
2. Minimum times are measured at the package pin with the load circuit, and maximum times are measured with the load circuit
as shown in the PCI Local Bus Specification.
3. REQ# and GNT# are point-to-point signals and have different input setup times than do bused signals. GNT# and REQ# have
a setup of 5 ns at 66 MHz. All other signals are bused.
4. See the timing measurement conditions in the PCI Local Bus Specification.
For Measurement and Test Conditions, see the PCI Local Bus Specification.
1.3.8
Local Plus Bus
The Local Plus Bus is the external bus interface of the MPC5200B. A maximum of eight configurable chip selects (CS) are
provided. There are two main modes of operation: non-MUXed (Legacy and Burst) and MUXED. The reference clock is the
PCI CLK. The maximum bus frequency is 66 MHz.
Definition of Acronyms and Terms:
•
WS = Wait State
•
DC = Dead Cycle
•
LB = Long Burst
•
DS = Data Size in Bytes
•
tPCIck = PCI clock period
•
tIPBIck = IPBI clock period
Figure 10. Timing Diagram—IPBI and PCI clock (example ratio: 4:1)
1.3.8.1
Non-MUXed Mode
Table 24. Non-MUXed Mode Timing
Sym
Description
Min
Max
Units
Notes
SpecID
tCSA
PCI CLK to CS assertion
4.6
10.6
ns
A7.1
tCSN
PCI CLK to CS negation
2.9
7.0
ns
A7.2
t1
CS pulse width
(2+WS)*tPCIck
(2+WS)*tPCIck
ns
(1)
A7.3
t2
ADDR valid before CS assertion
tIPBIck
tPCIck
ns
A7.4
t3
ADDR hold after CS negation
tIPBIck
-ns
(2)
A7.5
t4
OE assertion before CS assertion
-
4.8
ns
A7.6
t5
OE negation before CS negation
-
2.7
ns
A7.7
t6
RW valid before CS assertion
tPCIck
-ns
A7.8
t7
RW hold after CS negation
tIPBIck
-ns
A7.9
t8
DATA output valid before CS assertion
tIPBIck
-
ns
A7.10
t9
DATA output hold after CS negation
tIPBIck
-
ns
A7.11
PCI CLK
IPBI CLK
tIPBIck
tPCIck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com