| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5121E bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5121E bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 86 page ![]() Pin Assignments MPC5121E/MPC5123 Data Sheet, Rev. 1 Freescale Semiconductor 9 PCI (54 Total) PCI_INTA U23 PCI VDD_IO — PCI_RST_OUT F22 PCI VDD_IO — PCI_AD00 U24 PCI VDD_IO — PCI_AD01 V26 PCI VDD_IO — PCI_AD02 U25 PCI VDD_IO — PCI_AD03 R22 PCI VDD_IO — PCI_AD04 U26 PCI VDD_IO — PCI_AD05 T24 PCI VDD_IO — PCI_AD06 R23 PCI VDD_IO — PCI_AD07 T26 PCI VDD_IO — PCI_AD08 R26 PCI VDD_IO — PCI_AD09 P23 PCI VDD_IO — PCI_AD10 R24 PCI VDD_IO — PCI_AD11 R25 PCI VDD_IO — PCI_AD12 P26 PCI VDD_IO — PCI_AD13 P24 PCI VDD_IO — PCI_AD14 P25 PCI VDD_IO — PCI_AD15 N26 PCI VDD_IO — PCI_AD16 L22 PCI VDD_IO — PCI_AD17 K25 PCI VDD_IO — PCI_AD18 J26 PCI VDD_IO — PCI_AD19 K24 PCI VDD_IO — PCI_AD20 J25 PCI VDD_IO — PCI_AD21 H26 PCI VDD_IO — PCI_AD22 K23 PCI VDD_IO — PCI_AD23 J24 PCI VDD_IO — PCI_AD24 H24 PCI VDD_IO — PCI_AD25 J23 PCI VDD_IO — PCI_AD26 G25 PCI VDD_IO — PCI_AD27 J22 PCI VDD_IO — PCI_AD28 F26 PCI VDD_IO — PCI_AD29 G24 PCI VDD_IO — PCI_AD30 F24 PCI VDD_IO — Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 6 of 12) Signal Package Pin Number Pad Type Power Supply Notes Preliminary |