công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF54455 bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc

tên linh kiện MCF54455
Giải thích chi tiết về linh kiện  MCF5445x ColdFire짰 Microprocessor Data Sheet
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF54455 bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF54455 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF54455 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF54455 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF54455 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF54455 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF54455 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF54455 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF54455 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF54455 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Electrical Characteristics
MCF5445x ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
21
Figure 7. Input Clock Timing Diagram
1 / C1 Frequency
25
66.66
MHz
C2
Rise time (20% of vdd to 80% of vdd)
-
2
ns
C3
Fall time (80% of vdd to 20% of vdd)
-
2
ns
C4
Duty cycle (at 50% of vdd)
40
60
%
Table 10. PLL Electrical Characteristics
Num
Characteristic
Symbol
Min.
Value
Max.
Value
Unit
1
PLL Reference Frequency Range
Crystal reference
External reference
fref_crystal
fref_ext
16
16
40
66.66
MHz
MHz
2
Core/System Frequency
fsys
512 Hz1
266.67 MHz
—
Core/System Clock Period
tsys
—1/fsys
ns
19
VCO Frequency (fvco = fref × PFDR)
fvco
300
540
MHz
3
Crystal Start-up Time2, 3
tcst
—10
ms
4
EXTAL Input High Voltage
Crystal Mode4
All other modes (External, Limp)
VIHEXT
VIHEXT
VXTAL + 0.4
EVDD/2 + 0.4
—
—
V
V
5
EXTAL Input Low Voltage
Crystal Mode4
All other modes (External, Limp)
VILEXT
VILEXT
—
—
VXTAL - 0.4
EVDD/2 - 0.4
V
V
6
EXTAL Input Rise & Fall Time (20% to 80% EVDD)
(External, Limp)
12ns
7PLL Lock Time 3, 5
tlpll
—
50000
CLKIN
8
Duty Cycle of reference 3 (External, Limp)
tdc
40
60
%
9
XTAL Current
IXTAL
13
mA
10
Total on-chip stray capacitance on XTAL
CS_XTAL
—1.5
pF
11
Total on-chip stray capacitance on EXTAL
CS_EXTAL
—1.5
pF
Table 9. Input Clock Timing Requirements (continued)
Item
Specification
Min
Max
Unit
Input Clock (CLKIN)
C1
C4
C4
C3
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com