| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX4193C/D bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4193C/D bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products |
|
3 / 14 page ![]() CMOS Micropower Step-Up Switching Regulator _______________________________________________________________________________________ 3 LX ON-RESISTANCE vs. TEMPERATURE TEMPERATURE ( °C) 100 75 50 25 0 -25 -50 2 4 6 8 0 125 +VS = 2.5V +VS = 6V +VS = 16V SUPPLY CURRENT vs. TEMPERATURE TEMPERATURE ( °C) 100 75 50 25 0 -25 -50 40 20 80 60 120 100 140 0 125 SUPPLY CURRENT vs. SUPPLY VOLTAGE +VS (V) 14 12 10 8 6 4 2 50 150 100 250 200 300 16 Typical Operating Characteristics (TA = +25°C, unless otherwise noted.) ELECTRICAL CHARACTERISTICS (+VS = +6.0V, TA = Full Operating Temperature Range, IC = 5.0µA, unless otherwise noted.) MAX630 MAX4193 PARAMETER SYMBOL CONDITIONS MIN TYP MAX MIN TYP MAX UNITS Supply Voltage +VS 2.2 16.5 3.5 16.5 V Internal Reference Voltage VREF 1.25 1.31 1.37 1.20 1.31 1.42 V Supply Current (Pin 5) IS I3 = 0mA 70 200 90 300 µA Line Regulation 0.5V0UT < VS < V0UT (Note 1) 0.2 0.5 0.5 1.0 % VOUT Load Regulation VS = 0.5V0, PL = 0 to 150mW (Note 1) 0.5 1.0 0.5 1.0 % VOUT 0 °C ≤ TA ≤ +70 °C 0.45 1.5 10 0.45 1.5 10 -40 °C ≤ TA ≤ +85 °C 0.4 1.5 10 0.4 1.5 10 Reference Set Internal Pulldown Resistance RIC V6 = VS -55 °C ≤ TA ≤ +125 °C 0.3 1.5 10 0.3 1.5 10 M Ω Reference Set Input Voltage Threshold VIC 0.2 0.8 1.3 0.2 0.8 1.3 V Switch Leakage Current ICO V3 = 16.5V 0.1 30 0.1 30 µA Supply Current (Shutdown) ISO IC < 0.01µA 0.01 10 0.01 30 µA Low-Battery Detector Output Current ILBD V8 = 0.4V, V1 = 1.1V 250 600 250 600 µA Note 1: Guaranteed by correlation with DC pulse measurements. Note 2: The operating frequency range is guaranteed by design and verified with sample testing. |