| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS7514CP bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS7514CP bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 19 page ![]() PACKAGE MECHANICAL DATA 28 PINS - PLASTIC LEADED CHIP CARRIER PLCC) Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 12.32 12.57 0.485 0.495 B 11.43 11.58 0.450 0.456 D 4.2 4.57 0.165 0.180 D1 2.29 3.04 0.090 0.120 D2 0.51 0.020 E 9.91 10.92 0.390 0.430 e 1.27 0.050 e3 7.62 0.300 F 0.46 0.018 F1 0.71 0.028 G 0.101 0.004 M 1.24 0.049 M1 1.143 0.045 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supe rsedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical comp onents in lifesupport devicesor systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 1998 STMicroelectronics - All Rights Reserved Purchase of I 2C Components of STMicroelectronics, conveys a license under the Philips I2C Patent. Rights to use these components in a I 2C system, is granted provided that the system conforms to the I 2C Standard Specifications as defined by Philips. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com TS7514 19/19 |