| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS68230 bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS68230 bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 61 page ![]() 2. This specification applies only when a pulsed handshake option is chosen and the pulse is not shortened due to an early asserted edge of H1(H3). 3. The maximum value is caused by a peripheral access (H1(H3) asserted) and bus access (CS asserted) occurring at the same time. 4. Synchronized means that the input signal has been seen by the PI/T on the appropriate edge of the clock (rising edge for H1(H3) and falling edge for CS). (Refer to the 1.4. Bus Interface Operation for the exception concerning CS). 7.1. PIN ASSIGNMENTS 48-Pin Dual-in-Line 52-Pin Quad Pack (PLCC) TS68230 57/61 |