công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP122AMDBVTEP bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP122AMDBVTEP
Giải thích chi tiết về linh kiện  1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP122AMDBVTEP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TMP122AMDBVTEP Datasheet HTML 7Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 8Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 9Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 10Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 11Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 12Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 13Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 14Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DELAY TIME
TIMING DIAGRAMS
TMP122-EP
www.ti.com .......................................................................................................................................................................................... SBOS454 – NOVEMBER 2008
The Delay Bits control the amount of time delay between each conversion. This feature allows the user to
maximize power savings by eliminating unnecessary conversions, and minimizing current consumption. During
active conversion the TMP122 typically requires 50
µA of current for approximately 0.25s conversion time, and
approximately 20
µA for idle times between conversions. Delay settings are identified in Table 12 as conversion
time and period, and are shown in Figure 9. Default power up is D1/D0 equal 0/0. Conversion time and
conversion periods scale with resolution. Conversion period denotes time between conversion starts.
Table 12. Conversion Delay for 12-Bit Resolution
D1
D2
CONVERSION TIME
CONVERSION PERIOD
0
0
0.25 s
0.25 s
0
1
0.25 s
0.5 s
1
0
0.25 s
1 s
1
1
0.25 s
8 s
Figure 9. Conversion Time and Period Description
The TMP122 is SPI compatible. Figure 10 to Figure 12 describe the various timing parameters of the TMP122
with timing definitions in Table 13.
Table 13. Timing Description
PARAMETER
MIN
MAX
UNIT
t1
SCK period
100
ns
t2
Data in to rising edge SCK setup time
20
ns
t3
SCK falling edge to output data delay
30
ns
t4
SCK rising edge to input data hold time
20
ns
t5
CS to rising edge SCK set-up time
40
ns
t6
CS to output data delay
30
ns
t7
CS rising edge to output high impedance
30
ns
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP122-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com