| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE5166ASTZF62-RL bảng dữ liệu(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE5166ASTZF62-RL bảng dữ liệu(HTML) 61 Page - Analog Devices |
|
61 / 148 page ![]() ADE5166/ADE5169 Rev. 0 | Page 61 of 148 Var Antitamper Accumulation Mode The ADE5169 is placed in var antitamper accumulation mode by setting the SAVARM bit in the ACCMODE register (Address 0x0F). In this mode, the reactive power is accumulated depending on the sign of the active power. When the active power is positive, the reactive power is added as it is to the reactive energy register. When the active power is negative, the reactive power is subtracted from the reactive energy accumulator (see Figure 68). The CF pulse also reflects this accumulation method when in this mode. The default setting for this mode is off. Transi- tions in the direction of power flow and no load threshold are active in this mode. POS POS INTERRUPT STATUS REGISTERS NEG APSIGN FLAG ACTIVE POWER NO LOAD THRESHOLD NO LOAD THRESHOLD REACTIVE ENERGY NO LOAD THRESHOLD REACTIVE POWER NO LOAD THRESHOLD Figure 68. Reactive Energy Accumulation in Antitamper Accumulation Mode Var Absolute Accumulation Mode The ADE5169 is placed in absolute accumulation mode by setting the ABSVARM bit (Bit 3) in the ACCMODE register (Address 0x0F). In absolute accumulation mode, the reactive energy accumulation is done by using the absolute reactive power and ignoring any occurrence of power below the no load threshold for the reactive energy (see Figure 69). The CF pulse also reflects this accumulation method when in the absolute accumulation mode. The default setting for this mode is off. Transitions in the direction of power flow and no load threshold are active in this mode. REACTIVE ENERGY NO LOAD THRESHOLD NO LOAD THRESHOLD REACTIVE POWER Figure 69. Reactive Energy Accumulation in Absolute Accumulation Mode Reactive Energy Pulse Output The ADE5169 provides all the circuitry with a pulse output whose frequency is proportional to reactive power (see the Energy-to-Frequency Conversion section). This pulse frequency output uses the calibrated signal after VARGAIN, and its behavior is consistent with the setting of the reactive energy accumulation mode in the ACCMODE register (Address 0x0F). The pulse output is active low and should preferably be connected to an LED, as shown in Figure 75. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |