| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS272CP bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS272CP bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 9 page ![]() TS272C,I,M 9/9 PACKAGE MECHANICAL DATA 8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP) Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 1.20 0.05 A1 0.05 0.15 0.01 0.006 A2 0.80 1.00 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.15 c 0.09 0.20 0.003 0.012 D 2.90 3.00 3.10 0.114 0.118 0.122 E 6.40 0.252 E1 4.30 4.40 4.50 0.169 0.173 0.177 e 0.65 0.025 k 0° 8° 0° 8° l 0.50 0.60 0.75 0.09 0.0236 0.030 L 0.45 0.600 0.75 0.018 0.024 0.030 L1 1.000 0.039 c 0.25mm .010 inch GAGE PLANE E1 k L L1 E A A2 D A1 b 5 8 4 1 PIN 1 IDENTIFICATION e Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. © The ST logo is a registered trademark of STMicroelectronics © 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States © http://www.st.com |