công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7689 bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện AD7689
Giải thích chi tiết về linh kiện  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7689 bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button AD7689 Datasheet HTML 17Page - Analog Devices AD7689 Datasheet HTML 18Page - Analog Devices AD7689 Datasheet HTML 19Page - Analog Devices AD7689 Datasheet HTML 20Page - Analog Devices AD7689 Datasheet HTML 21Page - Analog Devices AD7689 Datasheet HTML 22Page - Analog Devices AD7689 Datasheet HTML 23Page - Analog Devices AD7689 Datasheet HTML 24Page - Analog Devices AD7689 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7949
Rev. A | Page 21 of 28
DIGITAL INTERFACE
The AD7949 uses a simple 4-wire interface and is compatible
with SPI, MICROWIRE™, QSPI™, digital hosts, and DSPs, for
example, Blackfin® ADSP-BF53x, SHARC®, ADSP-219x, and
ADSP-218x.
The interface uses the CNV, DIN, SCK, and SDO signals and
allows CNV, which initiates the conversion, to be independent
of the readback timing. This is useful in low jitter sampling or
simultaneous sampling applications.
A 14-bit register, CFG[13:0], is used to configure the ADC for
the channel to be converted, the reference selection, and other
components, which are detailed in the Configuration Register,
CFG, section.
When CNV is low, reading/writing can occur during conversion,
acquisition, and spanning conversion (acquisition plus conversion),
as detailed in the following sections. The CFG word is updated
on the first 14 SCK rising edges, and conversion results are read
back on the first 13 (or 14 if busy mode is selected) SCK falling
edges. If the CFG readback is enabled, an additional
14 SCK falling edges are required to read back the CFG word
associated with the conversion results with the CFG MSB
following the LSB of the conversion result.
A discontinuous SCK is recommended because the part is
selected with CNV low and SCK activity begins to write a new
configuration word and clock out data.
Note that in the following sections, the timing diagrams
indicate digital activity (SCK, CNV, DIN, SDO) during the
conversion. However, due to the possibility of performance
degradation, digital activity should occur only prior to the safe
data reading/writing time, tDATA, because the AD7949 provides
error correction circuitry that can correct for an incorrect bit
during this time. From tDATA to tCONV, there is no error
correction and conversion results may be corrupted. The user
should configure the AD7949 and initiate the busy indicator (if
desired) prior to tDATA. It is also possible to corrupt the sample
by having SCK or DIN transitions near the sampling instant.
Therefore, it is recommended to keep the digital pins quiet for
approximately 30 ns before and 10 ns after the rising edge of
CNV, using a discontinuous SCK whenever possible to avoid
any potential performance degradation.
Reading/Writing During Conversion, Fast Hosts
When reading/writing during conversion (n), conversion
results are for the previous (n − 1) conversion, and writing the
CFG is for the next (n + 1) acquisition and conversion.
After the CNV is brought high to initiate conversion, it must be
brought low again to allow reading/writing during conversion.
Reading/writing should only occur up to tDATA and, because this
time is limited, the host must use a fast SCK.
The SCK frequency required is calculated by
DATA
t
Edges
SCK
Number
SCK
f
_
_
≥
The time between tDATA and tCONV is a safe time when digital
activity should not occur, or sensitive bit decisions may be
corrupt.
Reading/Writing During Acquisition, Any Speed Hosts
When reading/writing during acquisition (n), conversion
results are for the previous (n − 1) conversion, and writing is for
the (n + 1) acquisition.
For the maximum throughput, the only time restriction is that
the reading/writing take place during the tACQ (min) time. For
slow throughputs, the time restriction is dictated by throughput
required by the user, and the host is free to run at any speed.
Thus for slow hosts, data access must take place during the
acquisition phase.
Reading/Writing Spanning Conversion, Any Speed Host
When reading/writing spanning conversion, the data access
starts at the current acquisition (n) and spans into the
conversion (n). Conversion results are for the previous (n − 1)
conversion, and writing the CFG is for the next (n + 1) acquisition
and conversion.
Similar to reading/writing during conversion, reading/writing
should only occur up to tDATA. For the maximum throughput,
the only time restriction is that reading/writing take place
during the tACQ (min) + tDATA time.
For slow throughputs, the time restriction is dictated by the
user’s required throughput, and the host is free to run at any
speed. Similar to the reading/writing during acquisition, for
slow hosts, the data access must take place during the
acquisition phase with additional time into the conversion.
Note that data access spanning conversion requires the CNV to
be driven high to initiate a new conversion, and data access is
not allowed when CNV is high. Thus, the host must perform
two bursts of data access when using this method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com