công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5590EBZ bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện EVAL-AD5590EBZ
Giải thích chi tiết về linh kiện  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5590EBZ bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button EVAL-AD5590EBZ Datasheet HTML 35Page - Analog Devices EVAL-AD5590EBZ Datasheet HTML 36Page - Analog Devices EVAL-AD5590EBZ Datasheet HTML 37Page - Analog Devices EVAL-AD5590EBZ Datasheet HTML 38Page - Analog Devices EVAL-AD5590EBZ Datasheet HTML 39Page - Analog Devices EVAL-AD5590EBZ Datasheet HTML 40Page - Analog Devices EVAL-AD5590EBZ Datasheet HTML 41Page - Analog Devices EVAL-AD5590EBZ Datasheet HTML 42Page - Analog Devices EVAL-AD5590EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD5590
Rev. 0 | Page 39 of 44
ADC Shadow Register
The shadow register on the ADC is a 16-bit, write-only register.
Data is loaded from the ADIN pin of the ADC on the falling
edge of ASCLK. The data is transferred on the ADIN line at the
same time as a conversion result is read from the ADC. This
requires 16 serial falling edges for the data transfer. The infor-
mation is clocked into the shadow register, provided that the
SEQ and shadow bits were set to 0 and 1, respectively, in the
previous write to the control register. MSB denotes the first bit
in the data stream. Each bit represents an analog input from
Channel 0 through to Channel 15. A sequence of channels can
be selected through which the ADC cycles with each consecutive
ASYNC falling edge after the write to the shadow register. To
select a sequence of channels, the associated channel bit must
be set for each analog input. The ADC continuously cycles
through the selected channels in ascending order, beginning
with the lowest channel, until a write operation occurs (that is,
the write bit is set to 1) with the SEQ and shadow bits
configured in any way except 1, 0 (see
). The bit
functions are outlined in
.
Table 25
Table 26
Figure 69 reflects the normal operation of a multichannel ADC,
where each serial transfer selects the next channel for conversion.
In this mode of operation, the sequencer function is not used.
Figure 70 shows how to program the ADC to continuously
convert on a particular sequence of channels. To exit this mode
of operation and revert back to the normal mode of operation
of a multichannel ADC (as outlined in Figure 69), ensure the
write bit = 1 and the SEQ = shadow = 0 on the next serial
transfer.
Figure 71 shows how a sequence of consecutive channels can
be converted without having to program the shadow register
or write to the ADC on each serial transfer. Again, to exit this
mode of operation and revert back to the normal mode of
operation of a multichannel ADC (as outlined in Figure 69),
ensure the write bit = 1 and the SEQ = shadow = 0 on
the next serial transfer.
ADOUT: CONVERSION RESULT FROM
PREVIOUSLY SELECTED CHANNEL ADD3 TO
CHANNEL ADD0
ADIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL ADD3 TO CHANNEL ADD0
FOR CONVERSION, SEQ = SHADOW = 0
ADIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL ADD3 TO CHANNEL ADD0
FOR CONVERSION,
SEQ = SHADOW = 0
DUMMY CONVERSIONS
ADIN = ALL 1s
ASYNC
ASYNC
WRITE BIT = 1,
SEQ = SHADOW = 0
POWER ON
Figure 69. Sequence Function Not Used
DUMMY CONVERSIONS
ADIN = ALL 1s
ADIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL ADD3 TO CHANNEL ADD0
FOR CONVERSION, SEQ = 0 SHADOW = 1
ASYNC
ASYNC
ASYNC
ADOUT: CONVERSION RESULT FROM
PREVIOUSLY SELECTED CHANNEL ADD3 TO
CHANNEL ADD0
ADIN: WRITE TO SHADOW REGISTER,
SELECTING WHICH CHANNELS TO CONVERT
ON; CHANNELS SELECTED NEED NOT BE
CONSECUTIVE
POWER ON
CONTINUOUSLY
CONVERTS ON THE
SELECTED SEQUENCE
OF CHANNELS
CONTINUOUSLY
CONVERTS ON THE
SELECTED SEQUENCE
OF CHANNELS BUT
ALLOWS RANGE,
CODING, AND SO ON,
TO CHANGE IN THE
CONTROL REGISTER
WITHOUT
INTERRUPTING THE
SEQUENCE PROVIDED,
SEQ = 1 SHADOW = 0
WRITE BIT = 0
WRITE BIT = 0
WRITE
BIT = 0
WRITE BIT = 1,
SEQ = 1, SHADOW = 0
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
Figure 70. Continuous Conversions
CONTINUOUSLY CONVERTS ON THE
SELECTED SEQUENCE OF CHANNELS BUT
ALLOWS RANGE, CODING, AND SO ON, TO
CHANGE IN THE CONTROL REGISTER
WITHOUT INTERRUPTING THE SEQUENCE
PROVIDED, SEQ = 1, SHADOW = 0
DUMMY CONVERSIONS
ADIN = ALL 1s
ADIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL ADD3 TO CHANNEL ADD0
FOR CONVERSION, SEQ = 1 SHADOW = 1
ASYNC
ASYNC
ASYNC
ADOUT: CONVERSION RESULT FROM
CHANNEL 0
CONTINUOUSLY CONVERTS ON A
CONSECUTIVE SEQUENCE OF CHANNELS
FROM CHANNEL 0 UP TO AND INCLUDING
THE PREVIOUSLY SELECTED CHANNEL
ADD3 TO CHANNEL ADD0 IN THE CONTROL
REGISTER
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
POWER ON
WRITE
BIT = 0
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
Figure 71. Continuous Conversion Without Programming
the Shadow Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com