| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPT41002DWS bảng dữ liệu(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MPT41002DWS bảng dữ liệu(HTML) 2 Page - Vishay Siliconix |
|
2 / 3 page ![]() MP Surface Mount Network Vishay Thin Film Document Number: 60092 For technical questions, contact: thin-film@vishay.com www.vishay.com Revision: 14-Sep-07 9 DIMENSIONS AND IMPRINTING in millimeters DERATING CURVE 100 % = 0.15 W MECHANICAL SPECIFICATIONS Resistive Element Passivated Nichrome Substrate Material Silicon Body Epoxy Terminals Copper with Nickel barrier Plating SN 60 Marking Resistance to Solvents Per MIL-PRF-914 Lead (Pb)-free Option 100 % Sn Matte Lead (Pb)-free Finish Plated SC70 3L SC70 4L e D E1 E e2 b2 A1 A A2 L L1 B b2 A1 A A2 b1 e D E1 E L L1 B DIMENSION MIN. MAX. A 0.800 1.100 A1 0.000 0.100 A2 0.800 1.000 B 0.100 0.018 b1 0.400 0.500 b2 0.200 0.250 D 1.800 2.200 E 1.800 2.400 E1 1.150 1.350 e 1.300 - e2 0.650 - L 0.100 0.030 Ambient Temperature °C 0 70 125 150 0 20 40 60 80 100 GLOBAL PART NUMBER INFORMATION New Global Part Numbering: MP31002AWS (preferred part number format) GLOBAL MODEL (2 or 3 digits) LEADS RESISTANCE TOLERANCE AND RATIO TOLERANCE PACKAGING MP (Tin Lead) MPT (Lead (Pb)-free) (e3) 3 4 The first 3 digits are significant figures and the last digit specifies the number of zeros to follow. When like values are required use total resistance. Example: 2001 = 2K (1K/1K) 2002 = 20K (10K/10K) Abs. Tol. A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % BS = BULK 100 Min 1 Mult WS = WAFFLE 100 Min 1 Mult TAPE AND REEL T1 = 1000 Min 1000 Mult Historical Part Number example: MP32002BW (will continue to be accepted) MP 3 2002 B W SERIES LEADS RESISTANCE TOLERANCE AND RATIO TOLERANCE PACKAGING P T 42 00 1 B T 1 M P 3 10 02 A W S M |