| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TEA2025D bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TEA2025D bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 9 page ![]() Stability A good layout is recommended in order to avoid oscillations. Generally the designer must pay attention on the following points: - Short wires of components and short connec- tions. - No ground loops. - Bypass of supply voltage with capacitors as nearest as possible to the supply I.C.pin.The low value(poliester)capacitors must have good temperature and frequency charac- teristics. - No sockets. 2) the heatsink can have a smaller factor of safety compared with that of a conventional circuit. There is no device damage in the case of ex- cessive junction temperature: all that happens is that PO (and therefore Ptot) and Id are re- duced. APPLICATION SUGGESTION The recommended values of the components are those shown on stereo application circuit of Fig. 2 different values can be used, the follow- ing table can help the designer. COMPONENT RECOMMENDED VALUE PURPOSE LARGER THAN SMALLER THAN C1,C2 0.22 µF INPUT DC DECOUPLING IN CASE OF SLIDER CONTACT NOISE OF VARIABLE RESISTOR C3 100 µF RIPPLE REJECTON DEGRADATION OF SVR, INCREASE OF THD AT LOW FREQUENCY AND LOW VOLTAGE C4,C5 100 µF BOOTSTRAP C6,C7 470 µF OUTPUT DC DECOUPLING INCREASE OF LOW FREQUENCY CUT- OFF C8,C9 0.15 µF FREQUENCY STABILITY DANGER OF OSCILLATIONS C10, C11 100 µF INVERTING INPUT DC DECOUPLING INCREASE OF LOW FREQUENCY CUT- OFF TEA2025B - TEA2025D 6/9 |