| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA9111 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9111 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 43 page ![]() TDA9111 22/43 [x] initial value Data is transferred with vertical sawtooth retrace. We recommend setting the unspecified bits to [0] in order to ensure compatibility with future devices. 0F Eq. Pulse 1, ignore TH/2 [0], accept all Vertical Dynamic Focus Amplitude [1] [0] [0] [0] [0] [0] [0] 10 Corner Sel 1, on [0], off E/W Corner [1] [0] [0] [0] [0] [0] [0] 11 H. Moiré Fre- quency 1 F/2 [0] F/4 Horizontal Size Amplitu de [1] [0] [0] [0] [0] [0] [0] READ MODE Hlock 0, on [1], no Vlock 0, on [1], no Xray 1, on [0], off Polarity Detection Sync Detection H/V pol [1], negative V pol [1], negative Vext det [0], no det H/V det [0], no det V det [0], no det D8 D7 D6 D5 D4 D3 D2 D1 |