| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA9109 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9109 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 30 page ![]() I 2C BUS ADDRESS TABLE Slave Address (8C) : Write Mode Sub Address Definition D8 D7 D6 D5 D4 D3 D2 D1 0 0 0 0 0 0 0 0 0 Horizontal Drive Selection 1 0 0 0 0 0 0 0 1 Horizontal Position 2 0 0 0 0 0 0 1 0 Forced Frequency 3 0 0 0 0 0 0 1 1 Sync Priority / Horizontal Moiré Amplitude 4 0 0 0 0 0 1 0 0 Refresh / B+ Reference Adjustment 5 0 0 0 0 0 1 0 1 Vertical Ramp Amplitude 6 0 0 0 0 0 1 1 0 Vertical Position Adjustment 7 0 0 0 0 0 1 1 1 S Correction 8 0 0 0 0 1 0 0 0 C Correction 9 0 0 0 0 1 0 0 1 E/W Keystone A 0 0 0 0 1 0 1 0 E/W Amplitude B 0 0 0 0 1 0 1 1 E/W Corner Adjustment C 0 0 0 0 1 1 0 0 Vertical Moiré Amplitude D 0 0 0 0 1 1 0 1 Side Pin Balance E 0 0 0 0 1 1 1 0 Parallelogram F 0 0 0 0 1 1 1 1 Vertical Dynamic Focus Amplitude Slave Address (8D) : Read Mode No sub address needed. TDA9109/SN 14/30 |