công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9109S bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện TDA9109S
Giải thích chi tiết về linh kiện  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109S bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button TDA9109S Datasheet HTML 10Page - STMicroelectronics TDA9109S Datasheet HTML 11Page - STMicroelectronics TDA9109S Datasheet HTML 12Page - STMicroelectronics TDA9109S Datasheet HTML 13Page - STMicroelectronics TDA9109S Datasheet HTML 14Page - STMicroelectronics TDA9109S Datasheet HTML 15Page - STMicroelectronics TDA9109S Datasheet HTML 16Page - STMicroelectronics TDA9109S Datasheet HTML 17Page - STMicroelectronics TDA9109S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
I
2C BUS ADDRESS TABLE
Slave Address (8C) : Write Mode
Sub Address Definition
D8
D7
D6
D5
D4
D3
D2
D1
0
000000
00
Horizontal Drive Selection / Horizontal Duty Cycle
1
000000
01
Horizontal Position
2
000000
10
Forced Frequency / Free Running Frequency
3
000000
11
Sync Priority / Horizontal Moiré Amplitude
4
000001
00
Refresh / B+ Reference Adjustment
5
000001
01
Vertical Ramp Amplitude
6
000001
10
Vertical Position Adjustment
7
000001
11
S Correction
8
000010
00
C Correction
9
000010
01
E/W Keystone
A
000010
10
E/W Amplitude
B
000010
11
E/W Corner Adjustment
C
000011
00
Vertical Moiré Amplitude
D
000011
01
Side Pin Balance
E
000011
10
Parallelogram
F
000011
11
Vertical Dynamic Focus Amplitude
Slave Address (8D) : Read Mode
No sub address needed.
TDA9109/S
14/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30