công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M61323FP bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện M61323FP
Giải thích chi tiết về linh kiện  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323FP bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button M61323FP Datasheet HTML 6Page - Renesas Technology Corp M61323FP Datasheet HTML 7Page - Renesas Technology Corp M61323FP Datasheet HTML 8Page - Renesas Technology Corp M61323FP Datasheet HTML 9Page - Renesas Technology Corp M61323FP Datasheet HTML 10Page - Renesas Technology Corp M61323FP Datasheet HTML 11Page - Renesas Technology Corp M61323FP Datasheet HTML 12Page - Renesas Technology Corp M61323FP Datasheet HTML 13Page - Renesas Technology Corp M61323FP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 10 of 19
<Sync-Separation>
Sync Input Minimum Voltage
Gradually decreasing the amplitude of SG7 in pin 22, measure the amplitude of SG7 when the Sync-Sep output signal
turn off. The value is as SYrv.
Sync Output High Level Voltage/Sync Output Low Level Voltage
Input SG7 to pin 22, read the output high level and low voltage of TP21. The value is as SYVH, SYVL.
Sync Output Rising Time/Sync Output Falling Time
1. The conditions is as table. (SG7 amplitude 0.3 VP-P)
This measurement shall use active probe.
2. Measure rising Tri and falling Tfi for 10% to 90% of the input pulse as STr, STf.
100%
0%
10%
90%
STr
STf
Sync Output Rising Delay Time/Sync Output Falling Delay Time
Input SG7 to pin 22. Measure the rising delay time SDr and the falling delay time SDf.
50%
50%
SG7
Waveform output
SDr
SDf
<Others>
Channel Select SW Threshold 1, 2
1. Gradually increasing the voltage of pin 13 from 0 V, measure the maximum voltage of pin 13 when the channel 1 is
selected. The value is as Vthch1.
2. Gradually decreasing the voltage of pin 13 from 5 V, measure the minimum voltage of pin 13 when the channel 2 is
selected. The value is as Vthch2.
Power Save SW Threshold 1, 2
1. Gradually increasing the voltage of pin 11 from 0 V, measure the maximum voltage of pin 11 when the power save
mode. The value is as VthPL.
2. Gradually decreasing the voltage of pin 13 from 5 V, measure the minimum voltage of pin 11 when the power save
mode. The value is as VthPH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com