công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9106 bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện TDA9106
Giải thích chi tiết về linh kiện  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 16Page - STMicroelectronics TDA9106 Datasheet HTML 17Page - STMicroelectronics TDA9106 Datasheet HTML 18Page - STMicroelectronics TDA9106 Datasheet HTML 19Page - STMicroelectronics TDA9106 Datasheet HTML 20Page - STMicroelectronics TDA9106 Datasheet HTML 21Page - STMicroelectronics TDA9106 Datasheet HTML 22Page - STMicroelectronics TDA9106 Datasheet HTML 23Page - STMicroelectronics TDA9106 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
11
12
Loop
Filter
R0
1.6V
6.4V
10
C0
6.4V
1.6V
0 0.875T T
RS
FLIP FLOP
(1.3V < V
< 6V)
12
I0
2
4 I0
I
0
(0.80 < a < 1.30)
a
I2C Free Running
Adjustment
9
8
47nF
47nF
Figure 10 : Details of VCO
LOCKDET
13
H-LOCKCAP
COMP1
SYNC
PROCESSOR
38
H/HVIN
High
CHARGE
PUMP
Low
PLL
INHIBITION
VCO
3
PLL1INHIB
12
11
10
PLL1F
R0
C0
PHASE
ADJUST
E2
14
H-POS
I2C
HPOS
Adj.
OSC
TRAMEXT
TRAMEXT SMFE *
LOCK/UNLOCK
STATUS
33
VSYNCIN
1
S/G
* SMFE : Safety Frequency Mode Enable
Figure 9 : PLL1 Block Diagram
OPERATING DESCRIPTION (continued)
An other feature is the capability for MCU to force
horizontal frequency through I
2C to 2xF0 or 3xF0
(for burn in mode or safety requirement).In this
case, inhibition switch is opened leaving PLL1 free
but voltage on PLL1 filter is forced to 2.66V for 2xF0
or 4.0V for 3xF0.
The PLL1 ensures the coincidence between the
leading edge of the synchro signal and a phase
reference obtained by comparison between the
sawtooth of the VCO and an internal DC voltage
I
2C adjustable between 2.8V and 4.0V (corre-
sponding to
± 10%) (see Figure 11). This voltage
has to be filtered on Pin 14 so as to optimize jitter.
The TDA9106 also includes a Lock/Unlock identi-
fication block which senses in real time wheither
PLL1 is locked on the incoming horizontal sync
signal or not. The resulting information is available
on Hlockout (see Synchro Processor). The block
function is described in Figure 12.
The NOR1 gate is receiving the phase comparator
output pulses (which also drive the charge pump).
When PLL1 is locked, on point A there is a very
small negative pulse (about 100ns) at each hori-
zontal cycle, so after RC filter, there is a high level
on Pin 13 which forces Hlockout to low level. Hys-
terisis comparator detects locking when Pin 13 is
reaching 6.5V and unlocking when Pin 13 is de-
creasing to 6.0V.
H Osc
Sawtooth
Phase REF1
H Synchro
1.6V
Vb
6.4V
2.8V<Vb<4.0V
7/8T
H
1/8T
H
Phase REF1 is obtained by comparison between the sawtooth and
a DC voltage adjustable between 2.8V and 4.0V. The PLL1 en-
sures the exact coincidence between the signals phase REF and
HSYNS. A
± T/10 phase adjustment is possible.
Figure 11 : PLL1 Timing Diagram
TDA9106
20/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com