| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M51952ASL/BSL bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M51952ASL/BSL bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
|
3 / 8 page ![]() M51951A,B/M51952A,B REJ03D0775-0400 Rev.4.00 Sep 18, 2007 Page 3 of 7 Absolute Maximum Ratings (Ta = 25°C, unless otherwise noted) Item Symbol Ratings Unit Conditions Supply voltage VCC 18 V Output sink current Isink 6 mA VCC Type A (output with constant current load) Output voltage VO 18 V Type B (open collector output) 450 5-pin SIP 700 3-pin SIP Power dissipation Pd 500 mW 3-pin SOP 4.5 5-pin SIP 7 3-pin SIP Thermal derating K θ 5 mW/°C Ta ≥ 25°C 3-pin SOP Operating temperature Topr –30 to +85 °C Storage temperature Tstg –40 to +125 °C Electrical Characteristics (Ta = 25°C, unless otherwise noted) • “L” reset type M51951A, M51951B • “H” reset type M51952A, M51952B Item Symbol Min Typ Max Unit Test Conditions Detecting voltage VS 4.05 4.25 4.45 V Hysteresis voltage ∆V S 30 50 80 mV Detecting voltage temperature coefficient VS/∆T — 0.01 — %/°C — 450 680 Type A, VCC = 5V Circuit current ICC — 420 630 µA Type B, VCC = 5V Delay time tpd 80 200 500 µs — 0.2 0.4 L reset type, VCC = 4V, Isink = 4mA Output saturation voltage Vsat — 0.2 0.4 V H reset type, VCC = 5V, Isink = 4mA — 0.67 0.8 RL = 2.2kΩ, Vsat ≤ 0.4V Threshold operating voltage VOPL — 0.55 0.7 V L reset type minimum supply voltage for IC operation RL = 100kΩ, Vsat ≤ 0.4V Output leakage current IOH — — 30 nA Type B Output load current IOC –40 –25 –17 µA Type A, VCC = 5V, VO = 1/2 × VCC Output high voltage VOH VCC–0.2 VCC–0.06 — V Type A |