công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M51951ASL/BSL bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện M51951ASL/BSL
Giải thích chi tiết về linh kiện  Voltage Detecting, System Resetting IC Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51951ASL/BSL bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  M51951ASL/BSL Datasheet HTML 1Page - Renesas Technology Corp M51951ASL/BSL Datasheet HTML 2Page - Renesas Technology Corp M51951ASL/BSL Datasheet HTML 3Page - Renesas Technology Corp M51951ASL/BSL Datasheet HTML 4Page - Renesas Technology Corp M51951ASL/BSL Datasheet HTML 5Page - Renesas Technology Corp M51951ASL/BSL Datasheet HTML 6Page - Renesas Technology Corp M51951ASL/BSL Datasheet HTML 7Page - Renesas Technology Corp M51951ASL/BSL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M51951A,B/M51952A,B
REJ03D0775-0400 Rev.4.00 Sep 18, 2007
Page 5 of 7
Ambient Temperature Ta (°C)
–40
0
–20
20
40
80
60
100
VCC = 5V
Circuit Current vs. Ambient Temperature
(M51951B, M51952B)
700
0
300
200
100
500
400
600
Example of Application Circuit
Reset Circuit of M5195xx Series
RL
VCC
M51951x
M51952x
RESET (
RESET)
Logic circuit
GND
GND
Supply
voltage
Supply
voltage
Output
Figure 1 Reset Circuit of M5195xx Series
Notes: 1. When the detecting supply voltage is 4.25 V, M51951, M51952, M51953 and M51954 are used.
When the voltage is anything except 4.25 V, M51955, M51956, M51957 and M51958 are used.
2. When the delay time is short, M51951, M51952, M51955 and M51956 are available. These ICs have a
delay capacity and the delay time is about 200
µs.
If a longer delay time is necessary, M51953, M51954, M51957 and M51958 are used.
3. If the M5195xx and the logic circuit share a common power source, type A (built-in load type) can be used
whether a pull-up resistor is included in the logic circuit or not.
4. The logic circuit preferably should not have a pull-down resistor, but if one is present, add load resistor RL to
overcome the pull-down resistor.
5. When the reset terminal in the logic circuit is of the low reset type, M51951, M51953, M51955 and M51957
are used and when the terminal is of the high reset type, M51952, M51954, M51956 and M51958 are used.
6. When a negative supply voltage is used, the supply voltage side of M5195xx and the GND side are
connected to negative supply voltage respectively.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com