| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FEPB16JTHE3/81 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
FEPB16JTHE3/81 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix |
|
3 / 5 page ![]() FEP(F,B)16AT thru FEP(F,B)16JT Vishay General Semiconductor Document Number: 88596 Revision: 07-Nov-07 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3 RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Figure 1. Forward Current Derating Curve Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode Figure 3. Typical Instantaneous Forward Characteristics Per Diode 0 50 100 150 0 4 8 12 16 20 Case Temperature (°C) Resistive or Inductive Load 1 10 100 0 50 100 150 200 250 300 Number of Cycles at 60 Hz T C = 100 °C 8.3 ms Single Half Sine-Wave 0.2 0.6 0.4 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1 10 100 Instantaneous Forward Voltage (V) 50 - 400 V 300 - 400 V 500 - 600 V T J = 125 °C T J = 25 °C Pulse Width = 300 µs 1 % Duty Cycle Figure 4. Typical Reverse Characteristics Per Diode Figure 5. Typical Junction Capacitance Per Diode 0 20 40 60 80 100 0.1 0.01 1 10 100 50 - 400 V 500 - 600 V T J = 100 °C T J = 125 °C T J = 25 °C Percent of Rated Peak Reverse Voltage (%) 0.1 1 10 100 10 100 1000 Reverse Voltage (V) 50 - 400 V 500 - 600 V T J = 125 °C f = 1.0 MHz V sig = 50 mVp-p |