| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7500 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7500 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 14 page ![]() digital domain and performs AM/FM processing and audio/sound processing. Thanks to this, it is possible to process any audio source as well ana- log as digital in parallel, to record FM mono for traffic information, telephone response, naviga- tion and RDS. Finally the digital signals are D/A converted and sent to the TDA7501 for the final level adjustment and for the analog volume con- trol. DLY DLY DLY HP PEQ T B LD DRC RM ANR SM + DLY HP PEQ T B LD DRC ANR SM DLY LP Audio noise reduction Dynamic range compression Loudness Bass Treble Parametric equaliser Soft mute Routing matrix Delay Stereo input RF CF LF RR LR SW Figure 1. Software Block Diagram of Audio & Sound Processing TDA7501 ANALOG INPUT TDA7500 FRONT END TDA7421 AUDIO POWER DISPLAY MICRO DIGITAL OUT MAIN MICRO DRAM/ SRAM EEPROM/ FLASH DIGITAL IN SPDIF I 2C/SPI D98AU946A A/D D/A Figure 2. Block Diagram of Car Amplifier Audio Sub-System. TDA7500 12/14 |