| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FSP34063 bảng dữ liệu(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD |
|
|
|||||||||||||||||||||||||||||
FSP34063 bảng dữ liệu(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD |
|
3 / 10 page ![]() UNIVERSAL DC/DC CONVERTER 2007-1-25 3/10 FSP34063 used, the following output drive condition is recommended: Forced βof output switch: 7.0 C C I output I driver mA ∗ ≥ − 10 *The 100Ω resistor in the emitter of the driver device requires about 7.0mA before the output switch conducts. APPLICATION CIRCUITS (1) Step-Up Converter Test Conditions Results Line Regulation Vin=9V to 12V, IO=200mA 20mV=0.035% Load Regulation Vin=12V, IO=50mA to 200mA 15mV=0.035% Output Ripple Vin=12V, IO=200mA 500mVPP Efficiency Vin=12V, IO=200mA 80% Vin - + 470µF 5 8 56k 4 Ipk R2 120µH Comparator 10k 1 R1 Vout Q1 180 Vout R Vcc Q2 Optional Filter 0.24 CT 100 IN5189 Rsc 2 1.0µH 28V/200mA 12V Oscillator 7 S 3 1.25V CT 6 Reference pF 470µF Regulator 680 Q Co |