công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSP3128SD bảng dữ liệu(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

tên linh kiện FSP3128SD
Giải thích chi tiết về linh kiện  WIDE INPUT 3A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Trang chủ  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3128SD bảng dữ liệu(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3128SD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WIDE INPUT 3A STEP-DOWN CONVERTER
2007-1-4
2/10
FSP3128
ABSOLUTE MAXIMUM RATINGS
(NOTE)
Parameter
Value
Unit
IN to G
-0.3 to +34
V
EN to G
-0.3 to VIN + 0.3
V
SW to G
-1 to VIN + 1
V
BS to SW
-0.3 to +8
V
FB, COMP to G
-0.3 to +6
V
Continuous SW Current
Internally limited
A
Junction to Ambient Thermal Resistance (θJA)
46
°C/W
Maximum Power Dissipation
1.8
W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Note : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions
for long periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA= 25°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
VOUT = 2.5V, ILOAD = 0A to 3A
4.5
30
V
Feedback Voltage
VFB
1.198
1.222
1.246
V
High-Side Switch On Resistance
RONH
100
mΩ
Low-Side Switch On Resistance
RONL
10
Ω
SW Leakage
VEN = 0V, VIN = 12V, VSW = 0
0
10
µA
Current Limit
ILIM
3.5
5
A
COMP to Current Limit
Transconductance
GCOMP
∆ILOAD/∆ICOMP
3
A/V
Error Amplifier Transconductance
GEA
∆ICOMP = ±10µA
550
µA/V
Error Amplifier DC Gain
AVEA
4000
V/V
Switching Frequency
fSW
340
400
460
KHz
Short Circuit Switching
Frequency
VFB = 0
40
KHz
Maximum Duty Cycle
DMAX
VFB = 1.1V, PWM mode
90
%
Minimum Duty Cycle
DMIN
VFB = 1.4V, PFM mode
0
%
Enable Threshold Voltage
Hysteresis = 0.1V
0.7
1
1.3
V
Enable Pull Up Current
P
in pulled up to VIN when left
unconnected
2
µA
Supply Current in Shutdown
VEN = 0
6
20
µA
IC Supply Current in Operation
VEN = 3V, not switching
0.85
2
mA
Thermal Shutdown Temperature
Hysteresis = 10°C
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com