công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSP3112MSAD bảng dữ liệu(PDF) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

tên linh kiện FSP3112MSAD
Giải thích chi tiết về linh kiện  DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Trang chủ  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3112MSAD bảng dữ liệu(HTML) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3112MSAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-7-11
8/10
FSP3112
Part #
L (µH)
Max DCR (mΩ)
Rated D.C. Current (A)
Size W×L×H (mm)
Sumida
CR43
14
2.2
3.3
4.7
56.2
71.2
86.2
108.7
2.52
1.75
1.44
1.15
4.5×4.0×3.5
Sumida
CDRH4D18
1.5
2.2
3.3
4.7
75
110
162
1.32
1.04
0.84
4.7×4.7×2.0
Toko
D312C
1.5
2.2
3.3
4.7
120
140
180
240
1.29
1.14
0.98
0.79
3.6×3.6×1.2
INPUT CAPACITOR SELECTION
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high
frequency switching current passing to the input. A low ESR input capacitor sized for minimum RMS current must be
used. Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and small
temperature coefficients. A 4.7µF ceramic capacitor for most applications is sufficient.
OUTPUT CAPACITOR SELECTION
The output capacitor is requires to keep the output voltage ripple small and to ensure regulation loop stability. The
output capacitor must have low impedance at the switching frequency. Ceramic capacitors with X5R or X7R
dielectrics are recommended due to their low ESR and high ripple current. The output ripple VOUT is determined by:
()
OUT
IN
OUT
OUT
IN
OSC
OSC
VV
V
1
VESR
Vf
L
8 f
C3
×−
⎛⎞
∆≤
×
+
⎜⎟
××
××
⎝⎠
ORDERING INFORMATION
MARKING INFORMATION
(1) MSOP10
(2) DFN10
FSP3112XXXX
Package:
MS: MSOP10
L: DFN10
Output Voltage:
Blank: ADJ
Packing:
A: Tape & Reel
Temperature Grade:
D: -40~85℃



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com