| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7434 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7434 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VS Operating Supply Voltage 10.2 V Tamb Operating Temperature Range -40 to 85 °C Tstg Storage Temperature Range -55 to +150 °C QUICK REFERENCE DATA Symbol Parameter Min. Typ. Max. Unit VS Supply Voltage 7 9 10.2 V VCL Max. Input Signal Handling 1.3 1.6 Vrms THD Total Harmonic Distortion (V = 1Vrms f = 1kHZ) 0.05 % S/N Signal to Noise Ratio 102 dB Sc Channel Separation f = 1kHz 100 dB Volume Control 1dB step -79 +32 dB Bass Control 2dB step -18 +18 dB Treble Control 2dB step -14 +14 dB Speaker Attenuators -37.5 0 dB Mute Attenuation 100 dB THERMAL DATA Symbol Parameter Value Unit Rth j-pins Thermal Resistance Junction-pins Max. 65 °C/W 1 3 2 4 5 6 7 8 9 19 18 17 16 15 13 14 D95AU361 10 11 12 24 23 22 21 20 CREF IN2_R IN2_L N.C. LOUD_L BOUT_R LOUD_R BIN_R TRR OUT_RR OUT_LR OUT_LF OUT_RF VS SCL SDA GND TRL BOUT_L BIN_L N.C. IN1_R IN1_L MONO/MUTE PIN CONNECTION (Top View) TDA7434 2/10 |