| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7427 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7427 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 21 page ![]() LOCK DETECTOR & PLL MODE CONTROL MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 0 0 PLL standby mode 0 1 PLL AM swallow mode 1 0 PLL AM direct mode 1 1 PLL FM mode 0 0 PD phase difference threshold 10ns 0 1 PD phase difference threshold 20ns 1 0 PD phase difference threshold 30ns 1 1 PD phase difference threshold 40ns 0 0 Not used in application mode 0 1 Activation delay = 4 ⋅ fref 1 0 Activation delay = 6 ⋅ fref 1 1 Activation delay = 8 ⋅ fref 0 Digital output 1 at pin ”dout1/inlock” 1 Inlock information at pin ”dout1/inlock” 0 No lock detector controlled chargepump 1 Lock detector controlled chargepump LDENA INLOCK D3 D2 D1 D0 PM1 PM0 Bit name Subaddress = 05H IF COUNTER REFERENCE CONTROL 1 (LSB) MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 000 0 0000 LSB = 0 000 0 0001 LSB = 1 000 0 0010 LSB = 2 111 1 1100 LSB = 252 111 1 1101 LSB = 253 111 1 1110 LSB = 254 111 1 1111 LSB = 255 IRC7 IRC6 IRC5 IRC4 IRC3 IRC2 IRC1 IRC0 Bit name Subaddress = 06H TDA7427 15/21 |