| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7314 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
7314 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 12 page ![]() Audio Switch MSB LSB FUNCTION 0 1 0 G1 G0 S2 S1 S0 Audio Switch 0 1 0 0 1 1 0 1 0 1 Stereo 1 Stereo 2 (MUTE) (*) Stereo 3 (MUTE) (*) Stereo 4 (MUTE) (*) LOUDNESS ON LOUDNESS OFF 0 0 1 1 0 1 0 1 +18.75dB +12.5dB +6.25dB 0dB For example to select the stereo 1 input with a gain of +12.5dB, loudness on, the 8 bit string is: 01001 000 (*) Stereo 2, 3, 4 are connected internally but not available on pins. Bass and Treble 0 0 1 1 1 1 0 1 C3 C3 C2 C2 C1 C1 C0 C0 Bass Treble 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 1 1 0 0 1 1 1 1 0 0 1 1 0 0 0 1 0 1 0 1 0 1 1 0 1 0 1 0 1 0 -14 -12 -10 -8 -6 -4 -2 0 0 2 4 6 8 10 12 14 C3 = Sign For example Bass at -10dB is obtained by the following 8 bit string: 01100 010 TDA7314 10/12 |