công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA7263 bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện TDA7263
Giải thích chi tiết về linh kiện  1212W STEREO AMPLIFIER WITH MUTING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7263 bảng dữ liệu(HTML) 6 Page - STMicroelectronics

  TDA7263 Datasheet HTML 1Page - STMicroelectronics TDA7263 Datasheet HTML 2Page - STMicroelectronics TDA7263 Datasheet HTML 3Page - STMicroelectronics TDA7263 Datasheet HTML 4Page - STMicroelectronics TDA7263 Datasheet HTML 5Page - STMicroelectronics TDA7263 Datasheet HTML 6Page - STMicroelectronics TDA7263 Datasheet HTML 7Page - STMicroelectronics TDA7263 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BUILT-IN PROTECTION SYSTEMS
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers
the following advantages:
1-an overload on the output (even if it is perma-
nent), or an excessive ambient temperature
can be easily withstood.
2-the heatsink can have a smaller factor of
safety compared with that of a conventional
circuit. There is no device damage in the case
of excessive junction temperature; if for any
reason the junction temperature increases up
to 145
°C. the thermal shutdown simply re-
duces the output power and therefore the
power dissipation.
The maximum allowable power dissipation de-
pends upon the thermal resistance junction-ambi-
ent. Figure 8 shows the dissipable power as a
function of ambient temperature for different
heatsink thermal resistance.
SHORT CIRCUIT (AC CONDITIONS)
The TDA7263 can withstand accidental short cir-
cuits across the speaker made by a wrong con-
nection during normal play operation.
TDA7263
6/8



Html Pages

1 2 3 4 5 6 7 8