công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K02MBFP bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp

tên linh kiện M38K02MBFP
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02MBFP bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp

Back Button M38K02MBFP Datasheet HTML 31Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 32Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 33Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 34Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 35Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 36Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 37Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 38Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 18 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 13 Interrupt control
Fig. 14 Structure of interrupt-related registers
Interrupt request bit
Interrupt enable bit
Interrupt disable flag (I)
BRK instruction
Reset
Interrupt request
b7
b0
Interrupt edge selection register
INT0 interrupt edge selection bit
Not used (return “0” when read)
INT1 interrupt edge selection bit
Not used (return “0” when read)
(INTEDGE : address 0FF316)
Interrupt request register 1
USB bus reset interrupt request bit
USB SOF interrupt request bit
USB device interrupt request bit
EXB interrupt request bit
INT0 interrupt request bit
Timer X interrupt request bit
Timer 1 interrupt request bit
Timer 2 interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
0 : Falling edge active
1 : Rising edge active
b7
b0
Interrupt request register 2
INT1 interrupt request bit
Nothing is arranged for this bit. This is a
write disabled bit. When this bit is read
out, the contents are “0”.
Serial I/O receive interrupt request bit
Serial I/O transmit interrupt request bit
CNTR0 interrupt request bit
Key-on wake-up interrupt request bit
A/D conversion interrupt request bit
Nothing is arranged for this bit. This is a
write disabled bit. When this bit is read
out, the contents are “0”.
(IREQ2 : address 003D16)
b7
b0
Interrupt control register 1
(ICON1 : address 003E16)
b7
b0
USB bus reset interrupt enable bit
USB SOF interrupt enable bit
USB device interrupt enable bit
EXB interrupt enable bit
INT0 interrupt enable bit
Timer X interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
✽ “0” can be set by software, but “1”
cannot be set.
✽ “0” can be set by software, but “1”
cannot be set.
Interrupt control register 2
0 : Interrupts disabled
1 : Interrupts enabled
(ICON2 : address 003F16)
b7
b0
INT1 interrupt enable bit
Fix this bit to “0”.
Serial I/O receive interrupt enable bit
Serial I/O transmit interrupt enable bit
CNTR0 interrupt enable bit
Key-on wake-up interrupt enable bit
A/D conversion interrupt enable bit
Fix this bit to “0”.
0 : Interrupts disabled
1 : Interrupts enabled
0 : No interrupt request issued
1 : Interrupt request issued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com