| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY74FCT16652ATPVC bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CY74FCT16652ATPVC bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 16 page ![]() CY74FCT16652T CY74FCT162652T 3 Function Table[1] Inputs Data I/O[2] Operation or Function OEAB OEBA CLKAB CLKBA SAB SBA A B L L H H H or L H or L X X X X Input Input Isolation Store A and B Data X H H H H or L X X[3] X X Input Input Unspecified[2] Output Store A, Hold B Store A in Both Registers L L X L H or L X X X X[3] Unspecified[2] Input Input Hold A, Store B Store B in both Registers L L L L X X X H or L X X L H Output Input Real Time B Data to A Bus Stored B Data to A Bus H H H H X H or L X X L H X X Input Output Real Time A Data to B Bus Stored A Data to B Bus H L H or L H or L H H Output Output Stored A Data to B Bus and Stored B Data to A Bus Notes: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care =LOW-to-HIGH Transition 2. The data output functions may be enabled or disabled by various signals at the OEAB or OEBA inputs. Data input functions are always enabled, i.e., data at the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs. 3. Select control=L; clocks can occur simultaneously. Select control=H; clocks must be staggered to load both registers. |